Part Number Hot Search : 
HSM88 13007D MCP6561 1N6005 CY16B 1N662E3 MAX1114 EZ1587
Product Description
Full Text Search
 

To Download SSQ-XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MITSUMI
Paper Slide Switches
SSQ Series
Switches
FEATURES
1. Super thin 1.4mm in height. 2. SMT type and reflow-soldering for Surface mounting. 3. Taped packaging for automatic mounting. 4. Changeover timing is not specified. 5. You can select of With-Without Earth termial and With-Without detent.
USES
1. Function selector switches for radios, headphone, stereos, LCD TV sets, video cameras, and such. 2. Write protect switches for memory cards. .com 3. Presetting switch in a unit.
DataShee
MODEL NAME CODE
SSQ-121MHT
T (Taping) H (Horizontal) V (Vertical) M (Mold knob 1.5mm Travel) L (Mold knob 3mm Travel) 1 (Without Earth Terminals) 2 (With Earth Terminals) 2,3 (Number of contacts) 1 (Number of circuits) Q (Paper Shaped Slide Switch) S (Slide) S (Switch)
.com
.com DataSheet 4 U .com
www..com
MITSUMI
Paper Slide Switches
SPECIFICATIONS
Rating Electrical Characteristics Contact Resistance Insulation Resistance Withstand Voltage 0.3A, 4V DC 70m or less 100M or more 1 minute at 100V AC 2-contact type 1.470.98N (150100gf) 3-contact type a b/c b 1.470.98N (150100gf) c 1.960.98N (200100gf) b a/b 10,000cycles
Mechanical Characteristics
Operating Force
Life
TYPE
Model Name Code Order Number SSQ-122MHT SSQ-121MHT SSQ-122MVT SSQ-121MVT SSQ-122LHT SSQ-121LHT SSQ-132MHT SSQ-131MHT SSQ-132MVT SSQ-131MVT R66 4978 R66 5019 R66 5013 R66 5021 R66 5029 R66 5027 R66 4980 R66 5023 R66 5015 R66 5025 No. of Poles 1 1 1 1 1 1 1 1 1 1 No. of Contacts Travel (mm) Knob Direction Horizontal Horizontal Vertical Vertical Horizontal Horizontal Horizontal Horizontal Vertical Vertical Terminal Earth With Without With Without With Without With Without With Without Pcs/Reel 2,500 2,500 1,500 1,500 2,500 2,500 2,500 2,500 1,500 1,500
t4U.com
2 1.5 2 1.5 2 1.5 2 1.5 2 3 2 3 3 1.5 3 1.5 3 1.5 .com 3 1.5
DIMENSIONS
SSQ-122MHT (1-circuit, 2-contact : Horizontal)
8 5 0.1 3
Unit : mm
SSQ-122MVT (1-circuit, 2-contact : Vertical)
8 5 0.1 3
Unit : mm
2.5 4-0.5
1 2
3
2.5 4-0.5 1.5 1.5
3 4
2.5 4-0.9 4-0.5
1 2
3
2.5 4-0.5 1.5 1.5
3 4
4-0.9
3 0.1
3 0.1
2.5
4-0.4
4-0.4
2-o0.8 +0.1 +0.02 10.2 4-0.8 (1.5) 0.1 4-1.2
2-o0.8 +0.1 +0.02 10.2 4-1.2 4-0.8 t=0.15 0.05
(1.5) 0.1
+0 1.3-0.1
Peference land measurements
+0 1.3-0.1
Peference land measurements
t=0.15 0.05
1.3
3
Travel
Travel
0.1
*1.4 0.1 +0
0.4 -0.1
*1.4+0
2-o0.8 -0.1
+0
0.4-0.1
5 0.1
+0 0.1-0.1
+0 0.1-0.1
+0 2-o0.8 -0.1
.com SSQ-122LHT (1-circuit, 2-contact : 3mm travel)
Unit : mm
SSQ-132MHT (1-circuit, 3-contact : Horizontal)
1.3
a
b
3
2.5 (1)
abc
3 1.5
2.5 (1)
2.5
Unit : mm
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of SSQ-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X